Part Number Hot Search : 
MAX823 KM611001 W25X32BV P800B 1002CT 2SC2261 25V5X CMZ5354B
Product Description
Full Text Search
 

To Download 0-1415031-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Power PCB Relay PB
1pole 10 A
Features
* * * * *
1 C/O or 1 N/O contact Environmentally-friendly cadmium-free contacts Creepage/clearance to VDE 0435 and VDE 0700 Class F coil system standard Compact and simple design gives high process security
Applications White goods, small home appliances, heating temperature controllers
F0224-A
VZ
Technical data of approvals on request
Contact data
Configuration Type of contact Rated current
Continuous thermal load Maximum switching voltage Maximum breaking capacity AC Make current (max. 4 s at duty cycle 10%) Contact material
1 C/O contact or 1 N/O contact single contact C/O version: N/O 10 A; N/C 3 A N/O version: 10 A 10 A 250 Vac / 100 Vdc 2500 VA 15 A AgNi 90/10
Contact ratings Type Load N/O contact 10 A, 85 C N/O contact 6 A, 85 C C/O contact 10 A / 3 A, 85 C C/O contact 10 A / 10 A, 85 C
Operations 25x103 100x103 25x103 1x103
Coil data
Coil versions, DC-coil Coil Nominal Pull-in Release Coil Coil code voltage voltage voltage resistance current Vdc Vdc Vdc c mA 005 5 3.75 0.5 70+10% 72.0 006 6 4.5 0.6 100+10% 60.0 009 9 6.75 0.9 225+10% 40.0 012 12 9 1.2 400+10% 30.0 024 24 18 2.4 1600+10% 15.0 036 36 27.0 3.6 3600+10% 10.0 All figures are given for coil without preenergization, at ambient temperature +20C Other coil voltages on request
Rights to change data / design reserved
Nominal voltage Nominal coil power Operate power Operate category Operate voltage max. Non-release voltage Release voltage min.
Edition: 10/2003
5...36 Vdc 360 mW 200 mW 2/c 75 % Unom 50 % Unom 10 % Unom
Miniature Power PCB Relay PB
1pole 10 A
coil-contacts open contact circuit Surge voltage resistance coil-contacts Clearance / creepage Insulation to IEC 60664 Voltage rating Pollution degree Overvoltage category Insulation to VDE 0110b (2/79) Insulation category / reference voltage Insulation resistance Tracking resistance of relay base
Insulation
Dielectric strength
2500 Vrms 1000 Vrms 4000 Vrms 3 / 4 mm 250 V 3 III C / 250 100x106 PB1...CTI 250 PB3...CTI 300
PCB layout / terminal assignment
View on solder pins Dimensions in mm
S0407-AA
Other data
Flammability class according to UL 94 Coil insulation system according to UL 1446 Ambient temperature Mechanical life Max. switching rate at rated- / minimum load Operate- / release time Bounce time Vibration resistance 30...400 Hz Shock resistance (destruction) Category of protection (IEC 61810) Relay weight Soldering temperauture / time, IEC 68-2-20 Packaging unit
V-0 Class F -40...+85 C > 5x106 operations 6 min-1 / 600 min-1 < 20 ms < 15 ms >4 g >30 g RT II - flux proof 5.4 g max. 260 C / 5s 35 / 1050 pcs.
S0407-AB
Dimensions
Dimensions in mm
S0406-A
Rights to change data / design reserved
Edition: 10/2003


▲Up To Search▲   

 
Price & Availability of 0-1415031-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X